PART |
Description |
Maker |
200275MR007G10UZL |
2.00mm PITCH BATTERY CONN
|
SUYIN USA, INC.
|
200275MR009G155ZL |
2.0mm BATTERY CONN R/A HEADER
|
SUYIN USA, INC.
|
300004MB004XX00XX 300001MA003XX00XX 300004MB004GX0 |
3.00mm pitch battery conn-cradle 3.00mm pitch battery conn-cradle
|
SUYIN USA, INC.
|
FM2100-C FM240-C FM250-C FM220-C FM230-C |
Chip Schottky Barrier Diodes - Silicon epitaxial planer type CONN HEADR .05 50POS DL T/H R/A CONN HEADER .05 30POS DUAL T/H
|
美丽微半导体有限公司 缇?附寰??瀵间???????
|
EHF-105-01-L-D-SM EHF-125-01-L-D-SM EHF-110-01-L-D |
CONN HEADER .05 10POS DUAL SMD 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 50POS DUAL SMD 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 20POS DUAL SMD 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 20POS DUAL R/A
|
Samtec, Inc. SAMTEC INC
|
EPS28 EPS48 EPS24 EPS17 EPS15 EPS12 WT4-15 EPS33 E |
TRANSIENT VOLTAGE SUPPESSOR TRANSIENT VOLTAGE SUPPESSOR 1000 W, BIDIRECTIONAL, SILICON, TVS DIODE CONN HEADER 7POS 3MM VERT GOLD CONN HEADER 7POS 3MM VERT TIN From old datasheet system
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
250023MA004XX00XX 250023MA004G100ZR |
2.50mm Pitch Probe Pin Battery Conn
|
SUYIN USA, INC.
|
VI-RU VI-LU0-IY VI-LU0-IX VI-LU0-IW VI-LU0-IV VI-L |
Vicor Corporation PLUG, INLINE FREE 5WAY Connectors RESISTOR 15 OHM 4.5W 1400 JOULE CONN HEADER 22POS 3MM R/A TIN 430452219 OSCILLLATOR-50.000MHZ,TTL 100PPM,LOW PF, 50 to 600W Autoranging AC-DC Switchers 5000W自动调节交直流切 430451608 5000W自动调节交直流切 CAP 1UF 10V 20% X7R SMD-0805 TR-7 PLATED-NI/SN 5000W自动调节交直流切 CONN HEADER 16POS 3MM VERT GOLD 5000W自动调节交直流切 50 to 600W Autoranging AC-DC Switchers
|
http:// VICOR[Vicor Corporation] Vicor, Corp. Intel, Corp.
|
1-84981-0 3-84981-0 |
ASSY, 1.00MM FFC CONN SMT, H
|
Tyco Electronics
|
G53CS-DC9K G53AD-DC110 G53AD-DC110K G53AD-DC12 G53 |
CONN 52POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET STR PC SMD BAG, SHIELDED, 75X125MM, PK100; Length / Height, external:125mm; Pack Quantity:100; Resistivity, surface inner:1000000Mohm/sq; Resistivity, surface outer:10000ohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, RoHS Compliant: Yes CONN RCPT 30-POS 15X2 2MM ST CONN 34POS 2MM SOCKET R/A PC MT CONN 36POS 2MM SOCKET R/A PC MT 60=30X2 2MM FEM SOCKET PC-MNT CONN CONN 34POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET VERT PC MT CONN 40POS 2MM SOCKET STR PC SMD RECTIFIER SBR DUAL 10A 100V 120A-ifsm 800mV-vf 0.2mA-ir ITO-220AB 50/TUBE CONN 4POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA Pin Header; No. of Contacts:8; No. of Rows:2; Gender:Male; Contact Plating:Gold; Contact Termination:Right Angle Through Hole; Current Rating:1.5A; Leaded Process Compatible:Yes; Mounting Type:Through Hole RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN, 2P, 3A, HDR, STRT, 2MM, GOLD 迷你型,重型接触载荷高达4000VA HEADER 8POS 2ROW 2MM SMT MALE 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:50; Pitch Spacing:0.079"; No. of Rows:2; Mounting Type:PCB Straight Thru Hole; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:60; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN SKT BDM2MM 25 POS DLST028 迷你型,重型接触载荷高达4000VA Miniature Type, Heavy contact load up to 4000VA 迷你型,重型接触载荷高达4000VA CONN 50POS 2MM SOCKET R/A PC MT 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET STR PC SMD 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:44; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR T/H 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA CONN 34POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA
|
Global Components & Controls List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
300005MA002G100ZL |
3.00mm PITCH PROBE PIN BATT.CONN
|
SUYIN USA, INC.
|